Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download LM64K112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM64K112
Features
s 15 cm [6"] VGA format s Transflective B/W display
Large Size Graphic Type LCD Module
(FA/POS/Measuring instruments)
s Thin structure (5.8 mm) & lightweight (145 g) s Wide temperature range (Topr: 0C to +50C, Tstg: -25C to +70C)
Specifications
Parameter
Display size Dot format (H x V) Dot Pitch (H x V) Active area (H x V) Panel type Panel mode Color Contrast ratio Response Time 15 [6] 640 x 480 0.19 x 0.19 121.6 x 91.2 DFSTN Transflective B/W 13 : 1/15 : 1*1 500
Unit
cm [ "] dot mm mm ms
Parameter
Brightness 60 Duty Ratio 1/240 Backlight type 1CCFT(E) Power consumption 1 400 Outline dimensions (W x H x D(max.)) 167.7 x 122.8 x 5.8 Weight 145 Operating temperature 0 to +50 Storage temperature -25 to +70
Unit
cd/m2 mW mm g C C
*1...Contrast ratio : Reflective / Transmissive
Outline Dimensions
167.7 21.3
unit : mm
(86.6) 130.6 (Bezel Opening Area)
3
(35)
1
116.8
0.17 P0.19
11.9
34.9
Interface Connector FF6-16A-R15(DDK)
23.5
A'
A 2.5 (84.6) 152.1 2.5 2
6
Notch Area
2.5
5.3 1.6
1.8
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Specifications are subject to change without notice for improvement.
1.8
7
640 x 480Dots P0.19
100.2 (Bezel Opening Area) 115.8 122.8
121.58 x 91.18 Active Area 125.6 x 95.2 Viewing Area
6
16 1
(41)
P0.19 0.17
35.55
11.3


▲Up To Search▲   

 
Price & Availability of LM64K112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X